Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS070-FS Datasheet (PDF) - DFI Inc

KS070-FS Datasheet PDF - DFI Inc
Part # KS070-FS
Download  KS070-FS Download
File Size   863.93 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description NXP i.MX6 Series 7" Light Industrial Touch Panel PC

KS070-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
KS070-FS Datasheet PDF - DFI Inc

Part # KS070-FS
Download  KS070-FS Click to download

File Size   863.93 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description NXP i.MX6 Series 7" Light Industrial Touch Panel PC

KS070-FS Datasheet (HTML) - DFI Inc


KS070-FS Product details

Features
• 7" 1024x600 TFT LCD panel with touch screen
• 1 x SD socket for storage
• IP65 front panel protection
• 4GB eMMC for storage
• Rich I/O: 1 LAN, 2 COM, 2 USB 2.0, 1 USB OTG




Similar Part No. - KS070-FS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS070-AL DFI-KS070-AL Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALE39P DFI-KS070-ALE39P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33P DFI-KS070-ALN33P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33R DFI-KS070-ALN33R Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-BT DFI-KS070-BT Datasheet
1Mb / 4P
Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC
More results


Similar Description - KS070-FS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS057R-FS DFI-KS057R-FS Datasheet
577Kb / 3P
NXP i.MX6 Series 5.7 Light Industrial Touch Panel PC
FS053 DFI-FS053 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
FS051 DFI-FS051 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com