Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS070-FS Datasheet(PDF) 1 Page - DFI Inc

Part # KS070-FS
Description  NXP i.MX6 Series 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS070-FS Datasheet(HTML) 1 Page - DFI Inc

  KS070-FS Datasheet HTML 1Page - DFI Inc KS070-FS Datasheet HTML 2Page - DFI Inc KS070-FS Datasheet HTML 3Page - DFI Inc KS070-FS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
235.00
214.60
10.20
10.20
75.00
KS070-FS
Panel
NXP i.MX6 Series
7" Light Industrial Touch Panel PC
Features
Dimensions
Left View
Bottom View
Right View
Top View
Front View
Top View
Bottom View
ARM
USB
COM
Power
HDMI
Line-out/Mic-in
LAN
COM
12-bit GPIO
DC-in
• 7" 1024x600 TFT LCD panel with touch screen
• 1 x SD socket for storage
• IP65 front panel protection
• 4GB eMMC for storage
• Rich I/O: 1 LAN, 2 COM, 2 USB 2.0, 1 USB OTG
IP65
Front panel
protection
Wi-Fi
SD
eMMC
Android


Similar Part No. - KS070-FS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS070-AL DFI-KS070-AL Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALE39P DFI-KS070-ALE39P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33P DFI-KS070-ALN33P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33R DFI-KS070-ALN33R Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-BT DFI-KS070-BT Datasheet
1Mb / 4P
Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC
More results

Similar Description - KS070-FS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS057R-FS DFI-KS057R-FS Datasheet
577Kb / 3P
NXP i.MX6 Series 5.7 Light Industrial Touch Panel PC
FS053 DFI-FS053 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
FS051 DFI-FS051 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com