Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS070-FS Datasheet(PDF) 4 Page - DFI Inc

Part # KS070-FS
Description  NXP i.MX6 Series 7" Light Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KS070-FS Datasheet(HTML) 4 Page - DFI Inc

  KS070-FS Datasheet HTML 1Page - DFI Inc KS070-FS Datasheet HTML 2Page - DFI Inc KS070-FS Datasheet HTML 3Page - DFI Inc KS070-FS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 12, 2021 DFI Inc.
KS070-FS
Packing List
Ordering Information
Optional Items
Model Name
Part Number
Description
KS070-FS-IMX6
750-KS0702-000G
7" Panel PC, NXP IMX6DL, 2GB Memory, 4GB eMMC, Capacitive Touch
• 1 KS070-FS Touch Panel PC
• 1 Poron foam
• 1 Quick Installation Guide
Optional Items
Part Number
Description
Wi-Fi
761-AP1235-000G
Wi-Fi kit, RoHS
Power Cord
785-PWRD
Power cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-106012-000G
60W, 12V/5A, Level 6, RoHS
Panel Mount
761-KS2020-000G
7" Panel PC Panel Mount Kit, RoHS
785-XXX is a group number instead of a unique part number. Please contact your regional sales representative if you need more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com