Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M212 Datasheet (PDF) - Solid State Inc

M212 Datasheet PDF - Solid State Inc
Part # M212
Download  M212 Download
File Size   309.89 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Input-to-Output Isolation (1.5kV MIN)

M212 Datasheet (PDF)

Go To PDF Page Download Datasheet
M212 Datasheet PDF - Solid State Inc

Part # M212
Download  M212 Click to download

File Size   309.89 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Input-to-Output Isolation (1.5kV MIN)

M212 Datasheet (HTML) - Solid State Inc


M212 Product details

Description
The M212 is a bi-directional, single-pole, single-throw,
normally closed multipurpose solid-state relay in a
miniature 4-pin small outline package. It is designed to
replace electromechanical relays in general purpose
switching applications. The relay consists of an integrated
circuit that drives two rugged source-to-source depletion
type DMOS transistors - optically coupled to a light emitting
diode. The output MOS transistors are protected with freewheeling
diodes that can handle up to 1.5A of inrush
current, making the relay ideal for switching lamps and
highly inductive loads.

Applications
 Medical Equipment
 Security Systems
 Meter Reading Equipment
 Data Acquisition
 Battery Monitoring
 Multiplexers

Features
 High Input-to-Output Isolation (1.5kV MIN)
 Low Input Control Current (1.5mA TYP)
 120mA Maximum Continuous Load Current
 Low On Resistance (35 MAX)
 Ultra Miniature 4SOP Package
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant




Similar Part No. - M212

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
1 Form B Solid State Relay
logo
Unisonic Technologies
M2120 UTC-M2120 Datasheet
388Kb / 6P
OPERATIONAL AMPLIFIER WITH SWITCH
logo
RAF ELECTRONIC HARDWARE
M2120-2545-AL RAF-M2120-2545-AL Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-2545-SS RAF-M2120-2545-SS Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-AL RAF-M2120-3005-AL Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results


Similar Description - M212

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Solid State Optronic
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
High Input-to-Output Isolation (up to 5VRMS)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
High Input-to-Output Isolation (1.5kV MIN)
M231 SSOUSA-M231 Datasheet
291Kb / 7P
High Input-to-Output Isolation (1500V MIN)
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com