Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW360 Datasheet (PDF) - Timeguard

STW360 Datasheet PDF - Timeguard
Part # STW360
Download  STW360 Download
File Size   528.39 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Suretime Surface Mount 360° PIR

STW360 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW360 Datasheet PDF - Timeguard

Part # STW360
Download  STW360 Click to download

File Size   528.39 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Suretime Surface Mount 360° PIR

STW360 Datasheet (HTML) - Timeguard


STW360 Product details

Features & Benefits
Surface mount PIR sensor suited for a wide array of indoor applications
Manual override (Pulse) for extended light on times
Adjustable time ON setting
Adjustable lux level




Similar Part No. - STW360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW36N55M5 STMICROELECTRONICS-STW36N55M5 Datasheet
764Kb / 15P
N-channel 550 V, 0.06 typ., 33 A MDmesh V Power MOSFET in TO-220 and TO-247 packages
23-Oct-2012
logo
Inchange Semiconductor ...
STW36N55M5 ISC-STW36N55M5 Datasheet
417Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW36N60M6 STMICROELECTRONICS-STW36N60M6 Datasheet
803Kb / 16P
N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFETs in TO-220 and TO-247 packages
27-Mar-2017
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
21-Jun-2011
STW36NM60ND STMICROELECTRONICS-STW36NM60ND Datasheet
1Mb / 18P
Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
More results


Similar Description - STW360

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
M7612 ETC2-M7612 Datasheet
140Kb / 9P
PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
PIR intelligent controller
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com