Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW360 Datasheet(PDF) 1 Page - Timeguard

Part # STW360
Description  Suretime Surface Mount 360° PIR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

STW360 Datasheet(HTML) 1 Page - Timeguard

  STW360 Datasheet HTML 1Page - Timeguard STW360 Datasheet HTML 2Page - Timeguard STW360 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Mounting Hole Centres (mm)
Standby Consumption
Number Of Channels
Switch Rating
STW360
Suretime Surface Mount 360°
PIR
Features & Benefits
Surface mount PIR sensor suited for a wide array
of indoor applications
Manual override (Pulse) for extended light on
times
Adjustable time ON setting
Adjustable lux level
Technical Data
230V AC
50Hz
Surface
Class II
-20°C to 40°C
IP40
Dial
2.5
8 Diameter
360°
73
<1W
1
200W LED, 1000W Halogen, 200W
Fluorescent/Low Energy Lighting
Data sheet
STW360
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - STW360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW36N55M5 STMICROELECTRONICS-STW36N55M5 Datasheet
764Kb / 15P
N-channel 550 V, 0.06 typ., 33 A MDmesh V Power MOSFET in TO-220 and TO-247 packages
23-Oct-2012
logo
Inchange Semiconductor ...
STW36N55M5 ISC-STW36N55M5 Datasheet
417Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW36N60M6 STMICROELECTRONICS-STW36N60M6 Datasheet
803Kb / 16P
N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFETs in TO-220 and TO-247 packages
27-Mar-2017
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
21-Jun-2011
STW36NM60ND STMICROELECTRONICS-STW36NM60ND Datasheet
1Mb / 18P
Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
More results

Similar Description - STW360

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
M7612 ETC2-M7612 Datasheet
140Kb / 9P
PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
PIR intelligent controller
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com