Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4670 Datasheet (PDF) - Maxim Integrated Products

MAX4670 Datasheet PDF - Maxim Integrated Products
Part # MAX4670
Download  MAX4670 Download
File Size   1120.39 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated T1/E1/J1 Short-Haul and Long-Haul Protection Switch

MAX4670 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4670 Datasheet PDF - Maxim Integrated Products

Part # MAX4670
Download  MAX4670 Click to download

File Size   1120.39 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated T1/E1/J1 Short-Haul and Long-Haul Protection Switch

MAX4670 Datasheet (HTML) - Maxim Integrated Products


MAX4670 Product details

General Description
The MAX4670 is an integrated T1/E1/J1 analog protection switch for 1+1 and N+1 line-card redundancy applications. It protects two T1/E1/J1 ports by combining eight SPDT switches in a single package. The switch is optimized for high-return loss and pulse-template performance in T1/E1/J1 long-haul and short-haul applications. The part offers built-in chip-side surge protection capability for short-haul intrabuilding applications.

Features
♦ Single +3.3V Supply Voltage
♦ Quad-DPDT/Octal-SPDT Switches Support Two T1/E1/J1 Ports
♦ Low RON
♦ 0.7Ω (typ) in Transmit Path; 5Ω (typ) in Receive Path
♦ Low CON/COFF
    60pF/40pF (typ) in Transmit Path
    24pF/12pF (typ) in Receive Path
♦ Chip Surge Protection
    IEC 61000-4-5 (8µs to 20µs Surge)
    Class 2 (±1kV)
♦ -70dB (typ) Crosstalk/Off-Isolation (3MHz)
♦ Small, 32-Pin TQFN Package

Applications
    Optical Multiplexers (ADMs, M13s, etc.)
    Edge Routers
    Multiservice Switches
    Base Station Controllers (Wireless Infrastructure Equipment)
    Media Gateways (VoIP)




Similar Part No. - MAX4670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX467 MAXIM-MAX467 Datasheet
162Kb / 16P
Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4674 MAXIM-MAX4674 Datasheet
358Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674 MAXIM-MAX4674 Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EEE MAXIM-MAX4674EEE Datasheet
358Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
Rev 2; 5/02
MAX4674EEE MAXIM-MAX4674EEE Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Similar Description - MAX4670

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2281 IDT-IDT82P2281_09 Datasheet
2Mb / 371P
Single T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com