Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4674 Datasheet (PDF) - Maxim Integrated Products

MAX4674 Datasheet PDF - Maxim Integrated Products
Part # MAX4674
Download  MAX4674 Download
File Size   358.68 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer

MAX4674 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4674 Datasheet PDF - Maxim Integrated Products

Part # MAX4674
Download  MAX4674 Click to download

File Size   358.68 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer

MAX4674 Datasheet (HTML) - Maxim Integrated Products


MAX4674 Product details

General Description
The MAX4674 is a low-voltage CMOS analog switch containing four 2:1 multiplexers/demultiplexer. When powered from a single +5V supply, it features a low 4Ω max on-resistance (RON), 0.4Ω max RON matching between channels, and 0.8Ω RON flatness over the entire signal range. Off-leakage current is only 0.5nA max at +25°C.

Features
♦ Guaranteed On-Resistance
   4Ω max (+5V Supply)
   6Ω max (+3V Supply)
♦ Guaranteed Match Between Channels
   0.4Ω max
♦ Guaranteed Flatness Over Signal Range
   0.8Ω max
♦ 1.8V Operation
   RON = 100Ω typ Over Temperature
   tON = 51ns typ
   tOFF = 13ns typ
♦ Guaranteed Low Leakage Currents
   0.5nA max at +25°C
♦ Single-Supply Operation from +1.8V to +5.5V
♦ Rail-to-Rail Signal Handling
♦ TTL/CMOS-Logic Compatible
♦ Crosstalk: -114dB (1MHz)
♦ Off-Isolation: -67dB (1MHz)
♦ 4mm ✕ 4mm QFN Package

Applications
   10/100 Base-T
   ATM Switching
   Audio and Video Signal Routing
   Low-Voltage Data-Acquisition Systems
   Communications Circuits
   Relay Replacement




Similar Part No. - MAX4674

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674 Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EEE MAXIM-MAX4674EEE Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EGE MAXIM-MAX4674EGE Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674EGP MAXIM-MAX4674EGP Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
MAX4674ESE MAXIM-MAX4674ESE Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Similar Description - MAX4674

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
5V/3.3V 2:1 MULTIPLEXER
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com