Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP360 Datasheet (PDF) - TEWS Technologies GmbH

TIP360 Datasheet PDF - TEWS Technologies GmbH
Part # TIP360
Download  TIP360 Download
File Size   119.12 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Quad Integrated Communication IP based on MC68360

TIP360 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP360 Datasheet PDF - TEWS Technologies GmbH

Part # TIP360
Download  TIP360 Click to download

File Size   119.12 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Quad Integrated Communication IP based on MC68360

TIP360 Datasheet (HTML) - TEWS Technologies GmbH


TIP360 Product details

Application Information
The TIP360 is an IndustryPack compatible module with a serial communication I/O interface using the Motorola MC68360 Quad Integrated Communication Processor running at 25 MHz.
The MC68360 contains a CPU32 core processor, a micro coded RISC communication processor, 14 serial DMA channels, two independent DMAs, 4 general purpose timers, an interrupt controller, 4 independent full-duplex serial communication controllers (SCCs), two Serial Management Controllers (SMCs) and 2.5 kbytes Dual-Port of internal RAM.
The TIP360 provides TTL level interface for all 4 SCC’s of the MC68360 at the IP I/O connector. A variety of physical layer standards, such as RS232, RS422, RS485, ISDN or IEEE802.3/Ethernet can be supported by the use of custom transition modules.
Internal microcode in the MC68360 supports a variety of protocols, such as BISYNC, HDLC, SDLC, UART, DDCMP, AppleTalk, Signaling System #7, Profibus, ATM, V.14, X.21, ISDN and totally transparent modes.
The TIP360 provides additional to the internal RAM 256 kbyte of SRAM, 256 kbyte of Flash memory, 2 Mbytes of “DRAM” (realized with SRAM and on board logic to maintain existing 68360 board configuration) as dual-port memory. Select SRAM or Flash memory as boot memory by switching a control register. The code is downloaded to the SRAM or Flash memory by the IP host CPU prior to removing the MC68360 reset signal by writing to a control register. Once the MC68360 reset signal is removed, the MC68360 starts fetching code from boot memory.
The SRAM, Flash memory, DRAM, the MC68360 registers and the MC68360 on-chip RAM are accessible by the MC68360 and the IP host CPU by arbitration. The local bus arbitration is transparent to the IP host CPU.
Both the IP host CPU and the MC68360 are capable of generating interrupts to each other.




Similar Part No. - TIP360

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36 MOSPEC-TIP36 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36 SAVANTIC-TIP36 Datasheet
170Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - TIP360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68360UMAD MOTOROLA-MC68360UMAD Datasheet
159Kb / 28P
Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1
logo
Freescale Semiconductor...
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC)
MC68360EM25VL FREESCALE-MC68360EM25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360AI25VL FREESCALE-MC68EN360AI25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller
logo
List of Unclassifed Man...
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com