Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP360 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TIP360
Description  Quad Integrated Communication IP based on MC68360
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP360 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TIP360 Datasheet HTML 1Page - TEWS Technologies GmbH TIP360 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack / Type II
 256 kbytes of Dual-Port SRAM, organized as 128K x
16
 256 kbytes of Dual-Port Flash memory, organized as
128K x 16
 2 Mbytes of Dual-Port DRAM, organized as 256K x 32
for program and data
 MC68360 Quad Integrated Communication Processor
(25 MHz)
 Interface: TTL level interface for all 4 SCC’s
 Operating temperature: -40°C to +85°
Order Information
RoHS Compliant
TIP360-10R
Multiprotocol Communication IP, MC68360/25MHz, 2 MB DPR, 256kB SRAM, 256kB Flash
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TIP360-DOC
User Manual
Software
For operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2014-01-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com