Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP360 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP360
Description  Quad Integrated Communication IP based on MC68360
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP360 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP360 Datasheet HTML 1Page - TEWS Technologies GmbH TIP360 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP360
Quad Integrated Communication IP based on MC68360
Application Information
The TIP360 is an IndustryPack
 compatible module with
a serial communication I/O interface using the Motorola
MC68360 Quad Integrated Communication Processor
running at 25 MHz.
The MC68360 contains a CPU32 core processor, a micro
coded RISC communication processor, 14 serial DMA
channels, two independent DMAs, 4 general purpose
timers, an interrupt controller, 4 independent full-duplex
serial communication controllers
(SCCs), two Serial
Management Controllers (SMCs)
and 2.5 kbytes Dual-
Port of internal RAM.
The TIP360 provides TTL level interface for all 4 SCC’s of
the MC68360 at the IP I/O connector. A variety of physical
layer standards, such as RS232, RS422, RS485, ISDN or
IEEE802.3/Ethernet can be supported by the use of
custom transition modules.
Internal microcode in the MC68360 supports a variety of
protocols, such as
BISYNC, HDLC, SDLC, UART,
DDCMP, AppleTalk, Signaling System #7, Profibus, ATM,
V.14,
X.21,
ISDN
and
totally
transparent
modes.
The TIP360 provides additional to the internal RAM
256 kbyte of SRAM, 256 kbyte of Flash memory, 2 Mbytes
of “DRAM” (realized with SRAM and on board logic to
maintain existing 68360 board configuration) as dual-port
memory. Select SRAM or Flash memory as boot memory
by switching a control register. The code is downloaded to
the SRAM or Flash memory by the IP host CPU prior to
removing the MC68360 reset signal by writing to a control
register. Once the MC68360 reset signal is removed, the
MC68360 starts fetching code from boot memory.
The SRAM, Flash memory, DRAM, the MC68360 registers
and the MC68360 on-chip RAM are accessible by the
MC68360 and the IP host CPU by arbitration. The local
bus arbitration is transparent to the IP host CPU.
Both the IP host CPU and the MC68360 are capable of
generating interrupts to each other.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2014-01-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP360

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36 MOSPEC-TIP36 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36 SAVANTIC-TIP36 Datasheet
170Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68360UMAD MOTOROLA-MC68360UMAD Datasheet
159Kb / 28P
Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1
logo
Freescale Semiconductor...
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC)
MC68360EM25VL FREESCALE-MC68360EM25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360AI25VL FREESCALE-MC68EN360AI25VL Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller
logo
List of Unclassifed Man...
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com