Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDD600 Datasheet (PDF) - Solid State Inc

SDD600 Datasheet PDF - Solid State Inc
Part # SDD600
Download  SDD600 Download
File Size   603.16 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Load Voltage (VCEO = 300V MIN)

SDD600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDD600 Datasheet PDF - Solid State Inc

Part # SDD600
Download  SDD600 Click to download

File Size   603.16 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Load Voltage (VCEO = 300V MIN)

SDD600 Datasheet (HTML) - Solid State Inc


SDD600 Product details

Features
• High Load Voltage (VCEO = 300V MIN)
• High Current Transfer Ration (CTR: 600-9000%)
• Low input power consumption
• High stability
• High Isolation Voltage (5000VRMS)
• Long Life / High Reliability
• RoHS / Pb-Free / REACH Compliant

Applications
• Office Automation Equipment
• System Appliances, Measuring Instruments
• Computer Terminals, PLCs
• Telecom / Datacom
• Home Appliances
• Digital Logic Inputs
• Fax / Modems
• Power Supplies

Description
The SDD600 consists of a high voltage photo-Darlington
transistor optically coupled to a light emitting diode. Optical
coupling between the input IR LED and output photo-
Darlington allows for high isolation levels while maintaining
low-level DC signal control capability. The SDD600
provides an optically isolated method of controlling many
interface applications such as telecommunications,
industrial control, and instrumentation circuitry
The SDD600 comes standard in a miniature 6 pin DIP
package.




Similar Part No. - SDD600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
Low input power consumption
More results


Similar Description - SDD600

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com