Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT034N15NM6 Datasheet (PDF) - Infineon Technologies AG

IPT034N15NM6 Datasheet PDF - Infineon Technologies AG
Part # IPT034N15NM6
Download  IPT034N15NM6 Download
File Size   1165.34 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power‑Transistor, 150 V

IPT034N15NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT034N15NM6 Datasheet PDF - Infineon Technologies AG

Part # IPT034N15NM6
Download  IPT034N15NM6 Click to download

File Size   1165.34 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 6 Power‑Transistor, 150 V

IPT034N15NM6 Datasheet (HTML) - Infineon Technologies AG


IPT034N15NM6 Product details

Features
• N‑channel
• Very low on‑resistance RDS(on)
• Superior thermal resistance
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21
• MSL 1 classified according to J‑STD‑020




Similar Part No. - IPT034N15NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT030N12N3G INFINEON-IPT030N12N3G Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 120 V
Rev.2.1,2020-11-23
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
More results


Similar Description - IPT034N15NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
IAUA250N04S6N005 INFINEON-IAUA250N04S6N005 Datasheet
786Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N008 INFINEON-IAUA250N04S6N008 Datasheet
823Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
IAUC120N04S6N013 INFINEON-IAUC120N04S6N013 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUCN04S6N007T INFINEON-IAUCN04S6N007T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-10
IAUCN04S6N009T INFINEON-IAUCN04S6N009T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
IAUCN04S6N013T INFINEON-IAUCN04S6N013T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.1 2023-08-21
IAUCN04S6N017T INFINEON-IAUCN04S6N017T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev 1.1 2023-08-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com