Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA302 Datasheet (PDF) - TEWS Technologies GmbH

TA302 Datasheet PDF - TEWS Technologies GmbH
Part # TA302
Download  TA302 Download
File Size   362.92 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 6/4/2 Channel Extended CAN Bus

TA302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA302 Datasheet PDF - TEWS Technologies GmbH

Part # TA302
Download  TA302 Click to download

File Size   362.92 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 6/4/2 Channel Extended CAN Bus

TA302 Datasheet (HTML) - TEWS Technologies GmbH


TA302 Product details

Application Information
The TPMC901 is a PCI Mezzanine Card (PMC) compatible module.
The TPMC901-10R provides six independent CAN bus interfaces using six Bosch CC770F CAN Controllers. The CC770 offers pin compatibility with Intel's 82527 CAN Controller and is a function replacement. Additionally to the standard data and remote frame, all channels support the extended data and remote frame according to the CAN specification 2.0 part A and B (standard 11 bit identifier and extended 29 bit identifier).
All channels have the capability to transmit, receive and perform message filtering on extended and standard messages.
Each channel supports CAN High Speed according to ISO11898 as the physical interface. The bus line termination is selectable by a jumper separate for each bus line pair. The data transfer rates of up to 1 Mbps are supported for a bus line length of 40 m.
The TPMC901-11R supports four CAN bus channels and the TPMC901-12R has two CAN bus channels.
Software Support (TDRV011-SW-xx) for different operating systems is available.




Similar Part No. - TA302

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
logo
Ohmite Mfg. Co.
TA3025PA4K50FE OHMITE-TA3025PA4K50FE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA3025PA4K50JE OHMITE-TA3025PA4K50JE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA3025PA4K50KE OHMITE-TA3025PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
More results


Similar Description - TA302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
logo
Linear Technology
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
logo
Advantech Co., Ltd.
MIC-3680 ADVANTECH-MIC-3680_15 Datasheet
258Kb / 1P
2-Port CAN-bus 3U CompactPCI짰 Card
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1 Datasheet
98Kb / 5P
CAN/CAN-FD Bus Protector
August, 2013 ??Rev. 0
logo
Mallory performance clu...
PN7740 MALLORY-PN7740 Datasheet
160Kb / 2P
MSD 4-Connector CAN-Bus Hub
PN77403 MALLORY-PN77403 Datasheet
160Kb / 2P
MSD 4-Connector CAN-Bus Hub
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1_16 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
Coolgear Inc.
USB-2CAN-SI-M COOLGEAR-USB-2CAN-SI-M Datasheet
649Kb / 4P
2-PORT USB TO CAN BUS ADAPTER D
11/14/21
logo
Lapp.
2170264 LAPP-2170264 Datasheet
175Kb / 2P
UNITRONIC BUS CAN A 2 x 2 x 0,34 mm²
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com