Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA3020 Datasheet (PDF) - Tripath Technology Inc.

TA3020 Datasheet PDF - Tripath Technology Inc.
Part # TA3020
Download  TA3020 Download
File Size   284.98 Kbytes
Page   29 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology

TA3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA3020 Datasheet PDF - Tripath Technology Inc.

Part # TA3020
Download  TA3020 Click to download

File Size   284.98 Kbytes
Page   29 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology

TA3020 Datasheet (HTML) - Tripath Technology Inc.


TA3020 Product details

General Description
The TA3020 is a two-channel, 300W (4Ω) per channel Amplifier Driver IC that uses Tripath’s proprietary Digital Power Processing (DPPTM) technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.

Features
➤ Class-T architecture
➤ Proprietary Digital Power Processing technology
➤ “Audiophile” Sound Quality
    ➤ 0.02% THD+N @ 50W, 8Ω
    ➤ 0.03% IHF-IM @ 30W, 8Ω
➤ High Efficiency
    ➤ 95% @ 150W @ 8Ω
    ➤ 90% @ 275W @ 4Ω
➤ Supports wide range of output power levels
    ➤ Up to 300W/channel (4Ω), single-ended outputs
    ➤ Up to 1000W (4Ω), bridged outputs
➤ Output over-current protection
➤ Over- and under-voltage protection
➤ 48-pin DIP (dual-inline package)

Applications
➤ Audio/Video Amplifiers & Receivers
➤ Pro-audio Amplifiers
➤ Automobile Power Amplifiers
➤ Subwoofer Amplifiers

Benefits
➤ Reduced system cost with smaller/less expensive power supply and heat sink
➤ Signal fidelity equal to high quality Class-AB amplifiers
➤ High dynamic range compatible with digital media such as CD and DVD




Similar Part No. - TA3020

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA302 TEWS-TA302 Datasheet
362Kb / 2P
6/4/2 Channel Extended CAN Bus
2018-03-05
logo
Ohmite Mfg. Co.
TA3025PA4K50FE OHMITE-TA3025PA4K50FE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA3025PA4K50JE OHMITE-TA3025PA4K50JE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA3025PA4K50KE OHMITE-TA3025PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
More results


Similar Description - TA3020

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com