Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1500441 Datasheet (PDF) - PHOENIX CONTACT

1500441 Datasheet PDF - PHOENIX CONTACT
Part # 1500441
Download  1500441 Download
File Size   487.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PS 1,5/20-3,81-X - PCB connector

1500441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1500441 Datasheet PDF - PHOENIX CONTACT

Part # 1500441
Download  1500441 Click to download

File Size   487.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31PS 1,5/20-3,81-X - PCB connector

1500441 Datasheet (HTML) - PHOENIX CONTACT


1500441 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 2, number of
positions: 20, product range: DD31PS 1,5/.., pitch: 3.81 mm, connection method: Push-in spring
connection, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: CONNEXIS DD, locking: Snap-in locking, mounting method: Latching flange, type of
packaging: packed in cardboard




Similar Part No. - 1500441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1500440 PHOENIX-1500440 Datasheet
487Kb / 11P
DD31PS 1,5/18-3,81-X - PCB connector
logo
Wurth Elektronik GmbH &...
150044M155220 WURTH-150044M155220 Datasheet
1Mb / 9P
WL-SFCC SMT Full-color Chip LED compact
001.000
150044M155260 WURTH-150044M155260 Datasheet
890Kb / 8P
WL-SFCC SMT Full-color Chip LED compact
001.000
More results


Similar Description - 1500441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849065 PHOENIX-1849065 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 4-STF-3,81
Jul 20, 2022
1849117 PHOENIX-1849117 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 9-STF-3,81
Jul 20, 2022
1849133 PHOENIX-1849133 Datasheet
668Kb / 16P
PCB connector - LPC 1,5/11-STF-3,81
Jul 20, 2022
1849162 PHOENIX-1849162 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/14-STF-3,81
Jul 20, 2022
1828618 PHOENIX-1828618 Datasheet
372Kb / 11P
PCB connector - MCVW 1,5/14-STF-3,81
Jan 5, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1828391 PHOENIX-1828391 Datasheet
375Kb / 11P
PCB connector - MCVR 1,5/ 7-STF-3,81
Jan 10, 2023
1828498 PHOENIX-1828498 Datasheet
373Kb / 11P
PCB connector - MCVW 1,5/ 2-STF-3,81
Jan 4, 2023
1840324 PHOENIX-1840324 Datasheet
1Mb / 20P
MC 1,5/17-ST-3,81 - PCB connector
1340481 PHOENIX-1340481 Datasheet
724Kb / 13P
DD31PC 2,2/20-3,81-X - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com