Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT6520L Datasheet (PDF) - Inchange Semiconductor Company Limited

MMBT6520L Datasheet PDF - Inchange Semiconductor Company Limited
Part # MMBT6520L
Download  MMBT6520L Download
File Size   327.38 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

MMBT6520L Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT6520L Datasheet PDF - Inchange Semiconductor Company Limited

Part # MMBT6520L
Download  MMBT6520L Click to download

File Size   327.38 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistor

MMBT6520L Datasheet (HTML) - Inchange Semiconductor Company Limited


MMBT6520L Product details

DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -350V(Min)
·High DC Current Gain-
: hFE=30(Min)@ (VCE= -10V, IC= -10mA)
·Low Saturation Voltage-
: VCE(sat)= -0.5V(Max)@ (IC= -30mA, IB= -3mA)
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·Designed for use as a driver in DC/DC converters and
actuators.




Similar Part No. - MMBT6520L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
logo
Motorola, Inc
MMBT6520LT1 MOTOROLA-MMBT6520LT1 Datasheet
231Kb / 8P
High Voltage Transistor
logo
Leshan Radio Company
MMBT6520LT1 LRC-MMBT6520LT1 Datasheet
167Kb / 5P
High Voltage Transistor(PNP Silicon)
logo
ON Semiconductor
MMBT6520LT1 ONSEMI-MMBT6520LT1 Datasheet
114Kb / 8P
High Voltage Transistor
November, 2001 ??Rev. 2
MMBT6520LT1G ONSEMI-MMBT6520LT1G Datasheet
122Kb / 5P
High Voltage Transistor
July, 2010 ??Rev. 5
More results


Similar Description - MMBT6520L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com