Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT6520L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MMBT6520L
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBT6520L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MMBT6520L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBT6520L Datasheet HTML 2Page - Inchange Semiconductor Company Limited MMBT6520L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
MMBT6520L
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -350V(Min)
·
High DC Current Gain-
: hFE=30(Min)@ (VCE= -10V, IC= -10mA)
·
Low Saturation Voltage-
: VCE(sat)= -0.5V(Max)@ (IC= -30mA, IB= -3mA)
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use as a driver in DC/DC converters and
actuators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-350
V
VCEO
Collector-Emitter Voltage
-350
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current-Continuous
-0.5
A
IB
Base Current-Continuous
-0.25
A
PT
Total Power Dissipation @TC=25℃
0.3
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - MMBT6520L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
logo
Motorola, Inc
MMBT6520LT1 MOTOROLA-MMBT6520LT1 Datasheet
231Kb / 8P
High Voltage Transistor
logo
Leshan Radio Company
MMBT6520LT1 LRC-MMBT6520LT1 Datasheet
167Kb / 5P
High Voltage Transistor(PNP Silicon)
logo
ON Semiconductor
MMBT6520LT1 ONSEMI-MMBT6520LT1 Datasheet
114Kb / 8P
High Voltage Transistor
November, 2001 ??Rev. 2
MMBT6520LT1G ONSEMI-MMBT6520LT1G Datasheet
122Kb / 5P
High Voltage Transistor
July, 2010 ??Rev. 5
More results

Similar Description - MMBT6520L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com