Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT6520L Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MMBT6520L
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBT6520L Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MMBT6520L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBT6520L Datasheet HTML 2Page - Inchange Semiconductor Company Limited MMBT6520L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
MMBT6520L
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO
Collector-Emitter Sustaining Voltage
IC=-1mA, Ib=0
-350
--
--
V
VCBO
Collector-Base Sustaining Voltage
IC=-1mA, Ib=0
-350
--
--
V
VEBO
Emitter-Base Sustaining Voltage
IC=-1mA, Ib=0
-5
--
--
V
ICBO
Collector Cutoff Current
VCB= -250V; IE= 0
--
--
-50
nA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
--
--
-50
nA
hFE-1
DC Current Gain
IC= -1mA; VCE= -10V
20
--
--
hFE-2
DC Current Gain
IC= -10mA; VCE= -10V
30
--
--
hFE-3
DC Current Gain
IC= -30mA; VCE= -10V
30
--
200
hFE-4
DC Current Gain
IC= -50mA; VCE= -10V
20
--
200
hFE-5*
DC Current Gain
IC= -100mA; VCE= -10V
15
--
--
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -10mA; IB= -1.0mA
--
--
-0.3
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -20mA; IB= -2.0mA
--
--
-0.35
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= -30mA; IB= -3.0mA
--
--
-0.50
V
VCE(sat)-4*
Collector-Emitter Saturation Voltage
IC= -50mA; IB= -5.0mA
--
--
-1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -10mA; IB= -1.0mA
--
--
-0.75
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -20mA; IB= -2.0mA
--
--
-0.85
V
VBE(sat)-3*
Base-Emitter Saturation Voltage
IC= -30mA; IB= -3.0mA
--
--
-0.90
V
VBE(ON)
Base-Emitter On Voltage
IC= -100mA; VCE= -10V
--
--
2.0
V
* Pulse test PW ≤ 350 µs, duty cycle ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com