Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT400 Datasheet (PDF) - Solid State Inc

SDT400 Datasheet PDF - Solid State Inc
Part # SDT400
Download  SDT400 Download
File Size   619.74 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Registers, Copiers, Automatic Vending Machines

SDT400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT400 Datasheet PDF - Solid State Inc

Part # SDT400
Download  SDT400 Click to download

File Size   619.74 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Registers, Copiers, Automatic Vending Machines

SDT400 Datasheet (HTML) - Solid State Inc


SDT400 Product details

Features
 VCEO = 60V / 70V / 80V
 Small 4 pin DIP/SMD package
 Low input power consumption
 High stability
 CTR Range 50 – 600%
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies




Similar Part No. - SDT400

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT400-R SSOUSA-SDT400-R Datasheet
610Kb / 10P
Photo-Transistor Optocoupler
logo
Solid State Inc
SDT400-R SOLIDSTATE-SDT400-R Datasheet
628Kb / 10P
VCEO = 80V
More results


Similar Description - SDT400

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
Copiers, Printers, Fax Machines
logo
Panasonic Semiconductor
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
TV-4 rated. 2a 3A/5A power relays Automatic vending machine
logo
Guangdong Youtai Semico...
ESDA14V2L UMW-ESDA14V2L Datasheet
546Kb / 4P
Automatic Teller Machines
ESDA25L UMW-ESDA25L Datasheet
551Kb / 4P
Automatic Teller Machines
ESDA5V3L UMW-ESDA5V3L Datasheet
559Kb / 4P
Automatic Teller Machines
ESDA6V1L UMW-ESDA6V1L Datasheet
525Kb / 4P
Automatic Teller Machines
ESDCAN24-2BLY UMW-ESDCAN24-2BLY Datasheet
545Kb / 4P
Automatic Teller Machines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com