Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT400-R Datasheet (PDF) - Solid State Inc

SDT400-R Datasheet PDF - Solid State Inc
Part # SDT400-R
Download  SDT400-R Download
File Size   628.98 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 80V

SDT400-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT400-R Datasheet PDF - Solid State Inc

Part # SDT400-R
Download  SDT400-R Click to download

File Size   628.98 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 80V

SDT400-R Datasheet (HTML) - Solid State Inc


SDT400-R Product details

Features
 VCEO = 80V
 Reversed Output (Emitter-Pin4, Collector-Pin3)
 Low input power consumption
 CTR Range 50 – 600% (Binning Available)
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies




Similar Part No. - SDT400-R

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT400-R SSOUSA-SDT400-R Datasheet
610Kb / 10P
Photo-Transistor Optocoupler
More results


Similar Description - SDT400-R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
Inchange Semiconductor ...
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SC5172 ISC-2SC5172 Datasheet
184Kb / 2P
High Collector Breakdown Voltage: VCEO =400V
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com