Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT400-R Datasheet(PDF) 5 Page - Solid State Inc

Part # SDT400-R
Description  VCEO = 80V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT400-R Datasheet(HTML) 5 Page - Solid State Inc

  SDT400-R Datasheet HTML 1Page - Solid State Inc SDT400-R Datasheet HTML 2Page - Solid State Inc SDT400-R Datasheet HTML 3Page - Solid State Inc SDT400-R Datasheet HTML 4Page - Solid State Inc SDT400-R Datasheet HTML 5Page - Solid State Inc SDT400-R Datasheet HTML 6Page - Solid State Inc SDT400-R Datasheet HTML 7Page - Solid State Inc SDT400-R Datasheet HTML 8Page - Solid State Inc SDT400-R Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 10
SDT400-R/H/S/TR
Rev 2.01 (07/29/2013)
001612
SDT400-R
DC Input
80V
Photo-Transistor Optocoupler
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
SDT400-R Solder Reflow Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com