Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT400-R Datasheet(PDF) 1 Page - Solid State Inc

Part # SDT400-R
Description  VCEO = 80V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT400-R Datasheet(HTML) 1 Page - Solid State Inc

  SDT400-R Datasheet HTML 1Page - Solid State Inc SDT400-R Datasheet HTML 2Page - Solid State Inc SDT400-R Datasheet HTML 3Page - Solid State Inc SDT400-R Datasheet HTML 4Page - Solid State Inc SDT400-R Datasheet HTML 5Page - Solid State Inc SDT400-R Datasheet HTML 6Page - Solid State Inc SDT400-R Datasheet HTML 7Page - Solid State Inc SDT400-R Datasheet HTML 8Page - Solid State Inc SDT400-R Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDT400-R/H/S/TR
Rev 2.01 (07/29/2013)
001612
Page 1 of 10
SDT400-R
DC Input
80V
Photo-Transistor Optocoupler
Description
The SDT400-R consists of a phototransistor optically
coupled to a light emitting diode. Optical coupling between
the input IR LED and output phototransistor allows for high
isolation levels while maintaining low-level DC signal
control capability.
The SDT400-R provides an optically
isolated method of controlling many interface applications
such as telecommunications, industrial control and
instrumentation circuitry.
The SDT400-R comes standard in a miniature 4 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Registers, Copiers, Automatic Vending Machines
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecommunication Equipment, Telephones
Home Appliances
Digital Logic Inputs
Microprocessor Inputs
Switching Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..200mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information / Lead Form / Packaging
Part Number
Description
SDT400-R
4 pin DIP, (100/Tube)
SDT400-RH
0.40” (10.16mm) Lead Spacing (VDE0884)
SDT400-RS
4 pin SMD, (100/Tube)
SDT400-RSTR
4 pin SMD, Tape and Reel (2000/Reel)
Features
VCEO = 80V
Reversed Output (Emitter-Pin4, Collector-Pin3)
Low input power consumption
CTR Range 50 – 600% (Binning Available)
High Isolation Voltage (5000VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: For complete product ordering / naming conventions,
reference page 10. Suffixes listed above are not included in
marking on device for part number identification


Similar Part No. - SDT400-R

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT400-R SSOUSA-SDT400-R Datasheet
610Kb / 10P
Photo-Transistor Optocoupler
More results

Similar Description - SDT400-R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
Inchange Semiconductor ...
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SC5172 ISC-2SC5172 Datasheet
184Kb / 2P
High Collector Breakdown Voltage: VCEO =400V
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com