Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8239 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC8239 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC8239
Download  VSC8239 Download
File Size   235.77 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner

VSC8239 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC8239 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC8239
Download  VSC8239 Click to download

File Size   235.77 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner

VSC8239 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC8239 Product details

GENERAL DESCRIPTION:

The VSC8239 device is a dual 10 Gbps Clock-and-Data-Recovery unit (CDR) designed for use as a signal conditioner IC for XFP modules. This 5 mm x 5 mm single chip solution has advantages of cost, size, and feature set over existing two chip solutions. A two-wire serial interface provides versatile control and alarm access.



FEATURES:

Small size – 32-Pin, QFP (5 mm x 5 mm) package

9.953 Gbps to 11.3 Gbps operation

Integrated loopback functions

Programmable gain and equalization for Rx and Tx

Two-wire Serial Interface/SPI Serial Control Interface

10 mV typical input sensitivity

Built In Self Test (BIST) features including flexible error detection modes

Full XFP compliant jitter specifications



APPLICATIONS:

Fully compatible with the complete family of Vitesse XFP module application products including 10 Gbps SERDES, Host ASIC family: VSC8476, VSC8478, VSC8479, and 10 Gbps laser drivers and TIAs: VSC7980, VSC7981, VSC7982, VSC7985, VSC7978, and VSC7979.




Similar Part No. - VSC8239

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
More results


Similar Description - VSC8239

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8479 VITESSE-VSC8479 Datasheet
395Kb / 2P
9.95 Gbps to 11.3 Gbps 16-bit Transceiver
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
11.3-Gbps Limiting Amplifier
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
11.3 Gbps Limiting Amplifier
logo
M/A-COM Technology Solu...
M21450 MA-COM-M21450 Datasheet
426Kb / 2P
6.5 Gbps Dual-Channel Backplane Signal Conditioner
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
11.3-Gbps Limiting Amplifier
logo
Analog Devices
ADN3010-11 AD-ADN3010-11 Datasheet
199Kb / 10P
11.3 Gbps Optical Receiver
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com