Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8239 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8239
Description  9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8239 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8239 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8239 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC8239
9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
NETWORK PRODUCTS
PB-VSC8239-001
FEA TURES:
4Small size – 32-Pin, QFP (5 mm x 5 mm) package
49.953 Gbps to 11.3 Gbps operation
4Integrated loopback functions
4Programmable gain and equalization for Rx and Tx
4Two-wire Serial Interface/SPI Serial Control Interface
410 mV typical input sensitivity
4Built In Self Test (BIST) features including flexible error detection modes
4Full XFP compliant jitter specifications
BENEFITS:
4Reduces board space usage
4Continuous tuning of the operation frequency without needing to select
between VCO
4Provides on-chip line and diagnostic functions
4Allows optical and XFI adaption of input signals for optimized sensitivity
and jitter performance
4Allows serial access to internal control registers
4Provides long-haul receive optical sensitvity
4Allows for built in test signal generation of industry standard PRBS and
user defined-patterns coupled with a full rate error detection capability
4Fully meets all XFP MSA SONET and datacom jitter specifications
including jitter generation, tolerance, and transfer
BLOCK DIAGRAM:
OD
Serial
Interface
Control
Receive
Data Out
RD+
RX CDR
Receive
Data In
RX_LOS
RXFILT
REFCLK–
OD
TXOUT+
TX CDR
VGA
TD+
RXIN+
TXFILT
CDD12
Transmi t
Data In
Transmit
Data Out
TXOUT–
RXIN–
TD–
RD–
REFCLK+
LOLN
PIO[4:0]
VGA
LINES IDE
HOSTS IDE
CTRL
Signals
Read back
Signals
PIO4,
LOL_POL
RX_LT R
TX_ LTR
DAC
TX_GAIN
DAC
TX_BOOST
TX_LOL
DAC
RX_GAIN
DAC
RX_BOOST
LINE_LPBCK/
TX_DINV
HOST_ LPBCK/
RX_ DI NV
TX_BW
DAC
TX_LOL
DAC
RX_OC
DAC
TX_OC
CK/4
BYP
LOGIC
TX_ BYPSEL[ 3:0]
RX_BW
DAC
BYP
LOGIC
RX_BYPSEL[ 3:0]
CK/4
Offset
Correction
Offset
Correction
LOS
LOS_ POL
LOS/LOT
SET/ CLR
DAC
Thr
DAC
RX_OC_
LOOP_ENBL
TX_OC_
LOOP_ENBL
TX_BYPASS
RX_BYPASS
SPECIFICA TIONS:
49.953 Gbps to 11.3 Gbps operation
4XFI compliant IO specifications
410 mV typical input sensitivity
41.8 V single power supply
45 mm x 5 mm package
4600 mW typical power dissipation
4Full XFP compliant jitter specifications


Similar Part No. - VSC8239

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
More results

Similar Description - VSC8239

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8479 VITESSE-VSC8479 Datasheet
395Kb / 2P
9.95 Gbps to 11.3 Gbps 16-bit Transceiver
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
11.3-Gbps Limiting Amplifier
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
11.3 Gbps Limiting Amplifier
logo
M/A-COM Technology Solu...
M21450 MA-COM-M21450 Datasheet
426Kb / 2P
6.5 Gbps Dual-Channel Backplane Signal Conditioner
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
11.3-Gbps Limiting Amplifier
logo
Analog Devices
ADN3010-11 AD-ADN3010-11 Datasheet
199Kb / 10P
11.3 Gbps Optical Receiver
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com