Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8239 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8239
Description  9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8239 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8239 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8239 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL DESCRIPTION:
9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner
VSC8239
The Transmit (Tx) data path consists of a Variable Gain Amplifier
(VGA) with a programmable EQ function. The VGA and EQ are
digitally controlled through the Two-wire Serial Interface/SPI
interface and allow for application specific jitter generation
optimization. A PLL-based CRU drives the 50 ohms Tx data driver
with levels compatible with available laser driver IC’s. The Tx LOL
alarm signal is supported.
Leveraging off the integration of transmit and receive path, the
VSC8239 device provides diagnostics and line loopback modes that
enable advanced XFP module level features such as a Built In Self
Test (BIST) feature with programmable error detection capability. This
facilitates high volume module manufacturing and system level setup.
It has a continuously tunable operating range from 9.9 Gbps to 11.3
Gbps supporting OC-192 (9.953 Gbps), 10 GbE (10.3 Gbps), 10 Gbps
Fibre Channel (10.5 Gbps), OC192FEC (10.709 Gbps), 10 GbE + FEC
(11.05 Gbps), and 10 Gbps Fibre Channel + FEC (11.3 Gbps) data rates.
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
Trademarks ™
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48,
HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP
PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or
registered trademarks mentioned herein are the property of their respective holders.
Copyright © 2005
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All
information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any
time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained
herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
APPLICA TIONS:
Fully compatible with the complete family of Vitesse XFP module
application products including 10 Gbps SERDES, Host ASIC family:
VSC8476, VSC8478, VSC8479, and 10 Gbps laser drivers and TIAs:
VSC7980, VSC7981, VSC7982, VSC7985, VSC7978, and VSC7979.
APPLICA TION DIAGRAM:
The VSC8239 device is a dual 10 Gbps Clock-
and-Data-Recovery unit (CDR) designed for
use as a signal conditioner IC for XFP
modules. This 5 mm x 5 mm single chip
solution has advantages of cost, size, and
feature set over existing two chip solutions.
A two-wire serial interface provides versatile
control and alarm access.
Each CDR is dedicated to supporting the corresponding
transmit and receive path as specified in the XFP MSA
standard. The Receive (Rx) data path consists of a limiting
amplifier
with
offset
correction
and
programmable
Equalization (EQ) function, followed by a Clock Recovery Unit
(CRU), Phase-Locked Loop (PLL), and a XFI compliant data
output driver. Rx Loss of Signal (LOS) and Rx Loss of Lock
(LOL) alarm signals are also supported to provide full
compliance to the XFP standard.
Las e r
DR IV E R
HO S T A S IC
10G b
XC VR S
SFI4 -SO N ET
VSC8 479
XAUI -10G b e/ FC
VSC 8476
XG MII -
10 Gb e/ FC
VSC 8478
uC
VSC 8 23 3
Du a l Sign a l
Con d it ion er
Las e r
X FP Tr ans c eiver
DR IV E R
HO S T A S I C
10 G
XC VR S
SFI4 -SO N ET
VSC8 479
XAUI -10Gb E/ FC
VSC 8476
XG MII -
10 Gb E/ FC
VSC 8478
C
VSC 8 23 3
Du a l Sign a l
Con d it ion er
Pos t A m p
+CDR
VS C 7 9 8 6 R O S A
Pin
De t e c t
CDR+ C U
EQ
VS C 7 9 8 6 R O S A
TIA
VS C 7 97 8/ 9
VS C 8 234 D u al C DR w VC SEL D r iv er
XFI
Interface
Opt ic a l
Int er fac e
Pin
De te c t o r
VS C 7 9 8 5
V S C 7982 / 1/ 0
EM L / D M L / VC SEL
V S C 7982 / 1/ 0
EM L / D M L / VC S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com