Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2807 Datasheet (PDF) - Micrel Semiconductor

MIC2807 Datasheet PDF - Micrel Semiconductor
Part # MIC2807
Download  MIC2807 Download
File Size   430.55 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators

MIC2807 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2807 Datasheet PDF - Micrel Semiconductor

Part # MIC2807
Download  MIC2807 Click to download

File Size   430.55 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators

MIC2807 Datasheet (HTML) - Micrel Semiconductor


MIC2807 Product details

General Description

The MIC2807 integrates a high performance 600mA DC/DC converter intended for powering a power amplifier (PA) in a mobile phone with dual low noise low dropout (LDO) regulators for the rest ofthe RF section. Optimized for low noise performance, the MIC2807 improves efficiency in the handset without compromising quality.



Features

• 2.7V to 5.5V input voltage range

• Stable with ceramic output capacitors

• Tiny 17-pin 2.5mm x 2.8mm MLF® Package

• Thermal shutdown protection

• Current limit protection




Similar Part No. - MIC2807

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807 Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2807-JJYML MICREL-MIC2807-JJYML Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2807-MMYML MICREL-MIC2807-MMYML Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2807-NNYML MICREL-MIC2807-NNYML Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2807-OOYML MICREL-MIC2807-OOYML Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
More results


Similar Description - MIC2807

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
600mA High PSRR, Low Noise, LDO Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com