Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2807 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2807 Datasheet HTML 2Page - Micrel Semiconductor MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor MIC2807 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel, Inc.
MIC2807
January 2007
6
M9999-013007-A
Typical Characteristics (DC/DC)
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
1VOUT DC/DC Efficiency
0
0.1
0.2
0.3
0.4
0.5
VIN = 4.2V
VIN = 3.6V
VIN = 3V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
1.2VOUT DC/DC Efficiency
0
0.1
0.2
0.3
0.4
0.5
VIN = 4.2V
VIN = 3.6V
VIN = 3V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
1.5VOUT DC/DC Efficiency
0
0.1
0.2
0.3
0.4
0.5
VIN = 4.2V
VIN = 3.6V
VIN = 3V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
1.8VOUT DC/DC Efficiency
0
0.1
0.2
0.3
0.4
0.5
VIN = 4.2V
VIN = 3.6V
VIN = 3V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
2.5VOUT DC/DC Efficiency
0
0.1
0.2
0.3
0.4
0.5
VIN = 4.2V
VIN = 3.6V
VIN = 3V
1.200
1.205
1.210
1.215
1.220
DC/DC Line Regulation
INPUT VOLTAGE (V)
2.7 3.1 3.5
4.3 4.7 5.1 5.5
VOUT = 1.2V
IOUT = 100mA
VDAC = 0.4V
3.9
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2.7
INPUT VOLTAGE (V)
DC/DC Switching Frequency
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7
5.5
5.1
IOUT = 300mA
VOUT = 1.5V
VDAC = 0.5V
0.7
0.9
1.1
1.3
1.5
2.7
INPUT VOLTAGE (V)
DC/DC Current Limit
vs. Input Voltage
3.1 3.5 3.9 4.3 4.7
5.5
5.1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
DAC VOLTAGE (V)
DC/DC Output Voltage
vs. DAC Voltage
IOUT = 100mA
VIN = 4.2V
1.815
1.817
1.819
1.821
1.823
1.825
DC/DC Load Regulation
VIN = 3.6V
0
OUTPUT CURRENT (A)
0.1
0.2
0.3
0.5
0.4
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
TEMPERATURE (°C)
DC/DC Switching Frequency
vs. Temperature
-20 0 20 40 60
120
100
80
IOUT = 300mA
VOUT = 1.5V
VDAC = 0.5V
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com