Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2807 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2807 Datasheet HTML 1Page - Micrel Semiconductor MIC2807 Datasheet HTML 2Page - Micrel Semiconductor MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
MIC2807
January 2007
2
M9999-013007-A
Ordering Information
Part Number
Manufacturing
Part Number
LDO1/LDO2
Voltage
Junction
Temp. Range
Package
Lead Finish
MIC2807-2.8/2.8YML
MIC2807-MMYML
2.8V/2.8V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-2.85/2.85YML
MIC2807-NNYML
2.85V/2.85V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-2.9/2.9YML
MIC2807-OOYML
2.9V/2.9V
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
MIC2807-3.0/3.0YML
MIC2807-PPYML
3.0V/3.0
–40°C to +125°C
17-Pin 2.5mm x 2.8mm MLF
®
Pb-Free
Pin Configuration
17-Pin 2.5mm x 2.8mm MLF
® (ML)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
DAC
DAC Control Input (Analog Voltage Input). Provides control of output voltage of DC/DC converter.
The output voltage is 3x’s the DAC voltage (Ex. 0.5VDAC = 1.5VOUT) when VIN > VOUT. Bypass mode is
enabled when the DAC voltage exceeds 1.2V or VIN ≤ VOUT. VOUT = VDAC x 3.
2
BYP
Filter capacitor for LDO1 and LDO2 internal voltage reference, connect capacitor to ground.
3
AGND
Signal ground of chip.
4
EN2
Enables the LDO2 regulator.
5
VIN
LDO1 and LDO2 Supply Voltage. Must be connected to PIN 15.
6
LDO1
Output of the LDO1.
7
LDO2
Output of the LDO2.
8, 9
OUT
Drain of internal bypass switch, also serves as feedback for the internal regulator.
10
PGND
Power ground.
11
SW
Switch: Internal power MOSFET output switches of DC/DC converter.
12
PVIN
Supply Voltage: Requires bypass capacitor to ground.
13
EN1
Enables LDO1 Regulator.
14
EN
Enables the DC/DC Converter.
15
AVIN
Supply voltage for DC/DC converter control circuitry and reference voltage circuit. Must be connected
to PIN 5.
16, 17
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com