Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC68220YML Datasheet (PDF) - Micrel Semiconductor

MIC68220YML Datasheet PDF - Micrel Semiconductor
Part # MIC68220YML
Download  MIC68220YML Download
File Size   1217.55 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 2A LDO Regulator

MIC68220YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC68220YML Datasheet PDF - Micrel Semiconductor

Part # MIC68220YML
Download  MIC68220YML Click to download

File Size   1217.55 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 2A LDO Regulator

MIC68220YML Datasheet (HTML) - Micrel Semiconductor


MIC68220YML Product details

General Description
The MIC68220 is a dual high peak current LDO regulator designed specifically for powering applications such as FPGA core voltages that require high start up current with lower nominal operating current. Capable of sourcing 2A of current per channel for start-up, the MIC68220 provides high power from a small MLF™ leadless package. The MIC68220 can also implement a variety of power-up and power-down protocols such as sequencing, tracking, and ratiometric tracking.

Features
• Stable with 4.7uF ceramic output capacitor
• Input voltage range: 1.65V to 5.5V
• 0.5V reference
• +1.0% initial output tolerance
• 2A maximum output current – peak start up
• 1A Continuous Operating Current
• Tracking on turn-on and turn-off with pin strapping
• Timing Controlled Sequencing On/Off
• Programmable Ramp Control™ for in-rush current limiting and slew rate control of the output voltage on Turn-On
• Power-on Reset (POR) supervisor with programmable delay time
• Single Master can control multiple Slave regulators with tracking output voltages
• Tiny 4mm x 5mm MLF® package
• Maximum dropout (VIN – VOUT) of 400mV over temperature at 1A output current
• Adjustable Output Voltages
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection

Applications
• FPGA/PLD Power Supply
• Networking/Telecom Equipment
• Microprocessor Core Voltage
• High Efficiency Linear Post Regulator
• Sequenced or Tracked Power Supply




Similar Part No. - MIC68220YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220YML MICREL-MIC68220YML Datasheet
1Mb / 17P
Dual 2A LDO Regulator
More results


Similar Description - MIC68220YML

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com