Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2132 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2132
Download  AP2132 Download
File Size   126.35 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 2A CMOS LDO Regulator

AP2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2132 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2132
Download  AP2132 Click to download

File Size   126.35 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 2A CMOS LDO Regulator

AP2132 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2132 Product details

General Description

The AP2132 series are positive voltage regulator ICs fabricated by CMOS process. The ICs consist of a voltage reference, an error amplifier, a power transistor, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit.



Features

•  Adjustable Output: 0.6V to 3.0V

• Low  Dropout  Voltage:  300mV@IOUT=2A, VOUT=1.2V

•  Over Current and Over Temperature Protection

• Enable Pin

•  PSOP-8 Package with Thermal Pad

•  Maximum Output Current: 2A

• High Output Voltage Accuracy: 2%

• VOUTPower Good Signal

•  Excellent Line/Load Regulation



Applications

• Notebook




Similar Part No. - AP2132

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132AMP-1.2G1 BCDSEMI-AP2132AMP-1.2G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Similar Description - AP2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
Ultra Low Dropout 2A CMOS LDO
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com