Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132A Datasheet (PDF) - Diodes Incorporated

AP2132A Datasheet PDF - Diodes Incorporated
Part # AP2132A
Download  AP2132A Download
File Size   402.05 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD

AP2132A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2132A Datasheet PDF - Diodes Incorporated

Part # AP2132A
Download  AP2132A Click to download

File Size   402.05 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD

AP2132A Datasheet (HTML) - Diodes Incorporated


AP2132A Product details

Features
- Adjustable Output: 0.6V to 3.0V
- Low Dropout Voltage: 300mV at IOUT = 2A, VOUT = 1.2V
- Over Current and Over Temperature Protection
- Enable Pin
- PSOP-8 Package with Thermal Pad
- Maximum Output Current: 3A (Peak)
- High Output Voltage Accuracy: 2%
- VOUT Power Good Signal
- Excellent Line/Load Regulation

Applications
- Notebook




Similar Part No. - AP2132A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132AMP-1.2G1 BCDSEMI-AP2132AMP-1.2G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132AMP-1.2TRG1 BCDSEMI-AP2132AMP-1.2TRG1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132AMP-1.5G1 BCDSEMI-AP2132AMP-1.5G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132AMP-1.5TRG1 BCDSEMI-AP2132AMP-1.5TRG1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Similar Description - AP2132A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
300mA CMOS LDO with Enable & Power Good
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Global Mixed-mode Techn...
G966L GMT-G966L Datasheet
63Kb / 1P
Peak 3A, Low Dropout Regulator with Enable
G966A GMT-G966A Datasheet
46Kb / 1P
Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
Peak 3A, Low Dropout Regulator with Enable
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com