Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2132A
Description  PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2132A Datasheet HTML 1Page - Diodes Incorporated AP2132A Datasheet HTML 2Page - Diodes Incorporated AP2132A Datasheet HTML 3Page - Diodes Incorporated AP2132A Datasheet HTML 4Page - Diodes Incorporated AP2132A Datasheet HTML 5Page - Diodes Incorporated AP2132A Datasheet HTML 6Page - Diodes Incorporated AP2132A Datasheet HTML 7Page - Diodes Incorporated AP2132A Datasheet HTML 8Page - Diodes Incorporated AP2132A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP2132A
Document number: DS41214 Rev. 1 - 2
3 of 11
www.diodes.com
July 2018
© Diodes Incorporated
AP2132A
Pin Descriptions
Pin Number
Pin Name
Function
1
PG
Assert high once VOUT reaches 92% of its rating voltage
2
EN
Enable input
3
VIN
Input voltage
4
VCTRL
Input voltage for controlling circuit
5
NC
Not connected
6
VOUT
Regulated output voltage
7
ADJ
Adjust output: when connected to ground, the output voltage is set by internal resistors; when external
feedback resistors are connected, the output voltage will be VOUT = 0.6V×(R1+R2)/R2.
8
GND
Ground
Functional Block Diagram
VOUT
GND
VREF
Error Amp
OCP
OTP
Bias
Enable
PGood
Switch
VIN
VCTRL
EN
PG
ADJ
3
2
1
4
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com