Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2132A
Description  PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2132A Datasheet HTML 3Page - Diodes Incorporated AP2132A Datasheet HTML 4Page - Diodes Incorporated AP2132A Datasheet HTML 5Page - Diodes Incorporated AP2132A Datasheet HTML 6Page - Diodes Incorporated AP2132A Datasheet HTML 7Page - Diodes Incorporated AP2132A Datasheet HTML 8Page - Diodes Incorporated AP2132A Datasheet HTML 9Page - Diodes Incorporated AP2132A Datasheet HTML 10Page - Diodes Incorporated AP2132A Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP2132A
Document number: DS41214 Rev. 1 - 2
7 of 11
www.diodes.com
July 2018
© Diodes Incorporated
AP2132A
Performance Characteristics (Cont.)
Output Voltage vs. Input Voltage
Dropout Voltage vs. Output Current
Dropout Voltage vs. Case Temperature
Short Current vs. Case Temperature
PSRR vs. Frequency
VIN Start up Waveform
(VCTRL=VEN=5V, VIN=0 to 2.2V, No Load)
VOUT
1V/div
VPG
1V/div
VIN
2V/div
IIN
1A/div
Time 80ms/div
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
AP2132A-1.2V
V
CTRL
=V
EN
=5V
No Load
Input Voltage (V)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
40
80
120
160
200
240
280
320
360
400
AP2132A-1.2V
V
CTRL
=V
EN
=5V
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
Output Current (A)
-25
0
25
50
75
0
40
80
120
160
200
240
280
320
360
400
AP2132A-1.2V
V
CTRL
=V
EN
=5V
I
OUT
=30mA
I
OUT
=500mA
I
OUT
=1A
I
OUT
=2A
Case Temperature (
oC)
-30
-15
0
15
30
45
60
75
90
105
120
0
40
80
120
160
200
240
280
320
AP2132A-1.2V
V
OUT
=1.2V
V
IN
=2.2V
V
CTRL
=V
EN
=5V
Ouput Short to GND
Case Temperature (
oC)
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2132A-1.2V
V
OUT
=1.2V
C
IN
=10mF, C
OUT
=10mF, C
CTRL
=1mF,
V
CTRL
=V
EN
=5V, V
IN
=2.2V to 3.2V, I
OUT
=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com