Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2132A
Description  PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132A Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2132A Datasheet HTML 1Page - Diodes Incorporated AP2132A Datasheet HTML 2Page - Diodes Incorporated AP2132A Datasheet HTML 3Page - Diodes Incorporated AP2132A Datasheet HTML 4Page - Diodes Incorporated AP2132A Datasheet HTML 5Page - Diodes Incorporated AP2132A Datasheet HTML 6Page - Diodes Incorporated AP2132A Datasheet HTML 7Page - Diodes Incorporated AP2132A Datasheet HTML 8Page - Diodes Incorporated AP2132A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP2132A
Document number: DS41214 Rev. 1 - 2
5 of 11
www.diodes.com
July 2018
© Diodes Incorporated
AP2132A
Electrical Characteristics (@VIN = VOUT+0.5V, VCTRL = VEN = 5V, TA = +25°C, CIN = COUT = 10µF, CCTRL = 1µF, IOUT = 10mA, Bold
typeface applies over -40°C
≤ TA ≤ +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = VOUT+0.5V, IOUT = 10mA
VOUT ×
98%
—
VOUT ×
102%
V
VIN
Input Voltage
—
1.4
—
5.5
V
ILIMIT
Current Limit
VIN–VOUT = 1V
3
—
—
A
VRLOAD
Load Regulation
VIN = VOUT+0.5V, 10mA ≤ IOUT ≤ 2A
—
10
—
mV
VRLINE
Line Regulation
VOUT+0.5V ≤ VIN ≤ 5V , IOUT = 10mA
—
2
—
mV
VDROP
Dropout Voltage
IOUT = 500mA
—
80
120
mV
IOUT = 1A
—
150
200
mV
IOUT = 2A
—
300
450
mV
ISUPPLY
Supply Current
VIN = VOUT+0.5V, IOUT = 0mA
—
300
—
µA
ICTRLH
VCTRL Current
VIN = VOUT+0.5V, VCTRL = VEN = 5V
—
250
500
µA
ICTRLL
VIN = VOUT+0.5V, VCTRL=5V, VEN = 0V
—
0.1
1.0
µA
PSRR
Power Supply
Rejection Ratio
Ripple 0.5Vp-p,
VIN = VOUT+1V
f = 100Hz
—
60
—
dB
f = 1kHz
—
60
—
dB
∆VOUT
VOUT x ∆T
Output Voltage
Temperature Coefficient
IOUT = 10mA, -40°C ≤ TA ≤ +85°C
—
±100
—
ppm/°C
VREF
Reference Voltage
Adjust Short to VOUT
0.588
0.6
0.612
V
—
Enable “High” Voltage
Enable Input Voltage “High”
1.5
—
—
V
—
Enable “Low” Voltage
En
able Input Voltage “Low”
—
—
0.4
V
OTSD
Thermal Shutdown
—
—
+165
—
°C
—
Thermal Shutdown Hysteresis
—
—
+20
—
°C
VTHPG
VOUT Power Good Voltage
—
—
92
—
%
—
VPG Hysteresis
—
—
7
—
%
—
Adjust Pin Threshold
—
—
200
—
mV
JC
Thermal Resistance
(Junction to Case)
PSOP-8
—
40
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com