Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2132A
Description  PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2132A Datasheet HTML 1Page - Diodes Incorporated AP2132A Datasheet HTML 2Page - Diodes Incorporated AP2132A Datasheet HTML 3Page - Diodes Incorporated AP2132A Datasheet HTML 4Page - Diodes Incorporated AP2132A Datasheet HTML 5Page - Diodes Incorporated AP2132A Datasheet HTML 6Page - Diodes Incorporated AP2132A Datasheet HTML 7Page - Diodes Incorporated AP2132A Datasheet HTML 8Page - Diodes Incorporated AP2132A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP2132A
Document number: DS41214 Rev. 1 - 2
4 of 11
www.diodes.com
July 2018
© Diodes Incorporated
AP2132A
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VCTRL
Input Voltage
Input Voltage for Controlling Circuit
6.0
V
VEN
Enable Input Voltage
-0.3 to 6.0
V
JA
Thermal Resistance (No Heatsink)
130
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
—
ESD (Machine Model)
200
V
—
ESD (Human Body Model)
2000
V
Note 1:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.4
5.5
V
VCTRL
Input Voltage for Controlling Circuit
4.5
5.5
V
TA
Operating Ambient Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com