Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132 Datasheet (PDF) - Diodes Incorporated

AP2132 Datasheet PDF - Diodes Incorporated
Part # AP2132
Download  AP2132 Download
File Size   527.97 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A CMOS LDO REGULATOR

AP2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2132 Datasheet PDF - Diodes Incorporated

Part # AP2132
Download  AP2132 Click to download

File Size   527.97 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A CMOS LDO REGULATOR

AP2132 Datasheet (HTML) - Diodes Incorporated


AP2132 Product details

Features
- Adjustable Output: 0.6V to 3.0V
- Low Dropout Voltage: 300mV@IOUT = 2A, VOUT = 1.2V
- Over Current and Over Temperature Protection
- Enable Pin
- PSOP-8 Package with Thermal Pad
- Maximum Output Current: 2A
- High Output Voltage Accuracy: 2%
- VOUT Power Good Signal
- Excellent Line/Load Regulation
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Notebook




Similar Part No. - AP2132

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
AP2132 BCDSEMI-AP2132 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132AMP-1.2G1 BCDSEMI-AP2132AMP-1.2G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Similar Description - AP2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
Ultra Low Dropout 2A CMOS LDO
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com