Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2132 Datasheet HTML 1Page - Diodes Incorporated AP2132 Datasheet HTML 2Page - Diodes Incorporated AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
2 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Typical Applications Circuit
VCTRL
VIN
VOUT
VIN
VCTRL
PG
EN
VIN
VOUT
ADJ
GND
CCTRL
1
mF
C1
10
mF
C2
10
mF
R1
R2
10k
W
0.6 (R1+R2)
R2
VOUT =
AP2132
Do not program below 0.6V
Typical Application of AP2132 for Adjustable Version
VCTRL
VIN
VOUT
VIN
VCTRL
EN
VIN
VOUT
ADJ
GND
CCTRL
1
mF
C1
10
mF
C2
10
mF
10k
W
PG
AP2132
Typical Application of AP2132 for Fixed Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com