Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2132 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2132 Datasheet HTML 1Page - Diodes Incorporated AP2132 Datasheet HTML 2Page - Diodes Incorporated AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
3 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Pin Description
Pin Number
Pin Name
Function
1
PG
Assert high once VOUT reaches 92% of its rating voltage
2
EN
Enable input
3
VIN
Input voltage
4
VCTRL
Input voltage for controlling circuit
5
NC
Not connected
6
VOUT
Regulated output voltage
7
ADJ
Internal Mode
ADJ is connected to ground. The output voltage is set by internal resistors
External Mode
ADJ is connected to external feedback resistors. The output voltage will be VOUT = 0.6 (R1+R2)/R2.
Do not program below 0.6V
8
GND
Ground
Thermal Pad
GND or Open
The pad may be grounded or left open. This does not replace the need for ground on Pin 8.
Functional Block Diagram
VOUT
GND
VREF
Error Amp
OCP
OTP
Bias
Enable
PGood
Switch
VIN
VCTRL
EN
PG
ADJ
3
2
1
4
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com