Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8311 Datasheet (PDF) - PLX Technology

PEX8311 Datasheet PDF - PLX Technology
Part # PEX8311
Download  PEX8311 Download
File Size   2949.64 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express to Generic Local Bus Bridge

PEX8311 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX8311 Datasheet PDF - PLX Technology

Part # PEX8311
Download  PEX8311 Click to download

File Size   2949.64 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description PCI Express to Generic Local Bus Bridge

PEX8311 Datasheet (HTML) - PLX Technology


PEX8311 Product details

Multi-purpose and Feature-Rich PCI Express Bridge



The bridge offers PCI Express™ (PCIe) bridging capability from a Generic Local Busto PCIe enabling userstoadd scalable high bandwidth interconnectiontoa wide variety  of applications including communication line cards, surveillance systems,video capture cards, industrial control,office

automation, IP Media Servers,RAID systems and medical imaging. Many embedded system designs utilizing PCI today can easily migrate to PCIe. The ExpressLane™ PEX 8311 bridge can be used in Root Complex mode with the device directly interfacing multiple local bus devices including processors and FPGAs to a downstream PCIe port. The bridge can also function in an EndPoint

type application connecting multiple local bus components to an upstream PCIe port.



Features

PEX 8311KeyFeatures

oPCI Express to Generic Local Bus Bridge

oRoot Complex and EndPoint Modes of Operation

oLocal Bus modes:

  -32-bit address & 32-bit data C Mode

  -Multiplexed 32-bit address/data J Mode

oLocal Bus Clock rates to 66MHz

oZero wait state bursts to 264 MB/sec

o1 Lane PCI Express Port

o2 DMA Channels

oIntegrated SerDes

o21mmx21mm, 337 pin PBGA package

o3.3V I/O and 5V tolerant Local Bus

oPower: 1.0 Watt




Similar Part No. - PEX8311

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
More results


Similar Description - PEX8311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
logo
Texas Instruments
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
XIO2001 PCI Express to PCI Bus Translation Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com