Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8311 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8311
Description  PCI Express to Generic Local Bus Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8311 Datasheet(HTML) 1 Page - PLX Technology

  PEX8311 Datasheet HTML 1Page - PLX Technology PEX8311 Datasheet HTML 2Page - PLX Technology PEX8311 Datasheet HTML 3Page - PLX Technology PEX8311 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCI Express to Generic Local Bus Bridge
.
Features
PEX 8311 Key Features
o PCI Express to Generic Local Bus Bridge
o Root Complex and EndPoint Modes of
Operation
o Local Bus modes:
- 32-bit address & 32-bit data C Mode
- Multiplexed 32-bit address/data J Mode
o Local Bus Clock rates to 66MHz
o Zero wait state bursts to 264 MB/sec
o 1 Lane PCI Express Port
o 2 DMA Channels
o Integrated SerDes
o 21mmx21mm, 337 pin PBGA package
o 3.3V I/O and 5V tolerant Local Bus
o Power: 1.0 Watt
PEX 8311 Additional Features
o Integrated PCI Express Interface
- Compliant to PCIe Specification, r1.0a
- x1 Link, dual-simplex, 2.5 Gbps/direction
- Auto Polarity reversal
- 128 Byte payload maximum
- Link CRC support
- Link/Device power management
- Flow control buffering
- PCIe transaction queues for eight
outstanding TLPs
o VGA/ISA Enable Registers
o On-the-fly Endian conversion
o Multiple DMA operational modes
- Block and scatter/gather transfers
- DMA descriptor ring management
- Demand mode & EOT H/W controls
o Direct Master data transfers
- Read ahead and programmable read pre-
fetch counter
- Generate any PCIe transaction
o Direct Slave data transfers
- 8-,16-, and 32-bit local bus access
- Writes, read ahead, posted writes,
programmable read pre-fetch counter
o Control
- Eight mailbox and two doorbell registers
- Root Complex or EndPoint mode
reset/interrupt
- Serial EEPROM Interface
- DC JTAG Boundary Scan
- Four GPIO Pins, 1 GPO, 1 GPI
- I2O Messaging Unit
Multi-purpose and Feature-Rich PCI Express Bridge
The bridge offers PCI Express™ (PCIe) bridging capability from a Generic
Local Bus to PCIe enabling users to add scalable high bandwidth
interconnection to a wide variety of applications including communication
line cards, surveillance systems, video capture cards, industrial control, office
automation, IP Media Servers, RAID systems and medical imaging. Many
embedded system designs utilizing PCI today can easily migrate to PCIe. The
ExpressLane™ PEX 8311 bridge can be used in Root Complex mode with the
device directly interfacing multiple local bus devices including processors and
FPGAs to a downstream PCIe port. The bridge can also function in an EndPoint
type application connecting multiple local bus components to an upstream PCIe
port.
Highly Flexible, Generic Local Bus
The PEX 8311 offers a highly flexible yet low overhead generic Local Bus
which provides a direct connection to two generic industry-standard
interconnect buses. The bus protocol can be set to the non-multiplexed
address and data mode with up to 32-bit transfers “C-Mode” or multiplexed
address/data with up to 32-bit transfers “J-Mode”. This bus can be directly
connected to many processors with minimal or no glue logic. Memory,
FPGAs, FIFOs and other devices can be simultaneously placed on this bus.
Dual Independent DMA Channels
The PEX 8311 provides two data transfer channels each with internal
independent programmable FIFOs. These channels provide independent data
transfers with the bridge initiating both the PCIe and local bus. With dual
channels, data from two different sources or bidirectional traffic can be
transferred simultaneously without the need to finish one transfer before
starting the second. Each DMA channel can use independent scatter-gather
descriptor lists for increased flexibility. The use of DMA descriptors allows
the two channels to look like multiple virtual DMA channels.
Complete Conversion from PCI Express Signaling
The PEX 8311 provides a complete local bus to PCIe translation. The bridge
is equipped with a standard PCIe port that operates as a single x1 link with a
maximum of 250 Megabytes per second of throughput per transmit and
receive directions. The single 2.5 Gbps integrated SerDes delivers the highest
bandwidth with the lowest possible pin-count. The device supports internal
queues with flow control features to optimize throughput and traffic flow.
Root Complex and EndPoint Modes
The PEX 8311 bridge supports both Root Complex and EndPoint modes of
operation. This flexibility allows a Root Complex system designer to utilize
the part as a type of “north bridge” whereby multiple Local Bus components
present including a processor, FPGAs, memory, DSP, etc., can communicate with
each other as well with downstream PCIe devices. In this case, the bridge’s
configuration and system hierarchy comes through the Local Bus. In EndPoint
mode, the bridge is configured through the PCIe port.
PEX 8311
Version 1.2 2005


Similar Part No. - PEX8311

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
More results

Similar Description - PEX8311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
logo
Texas Instruments
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
XIO2001 PCI Express to PCI Bus Translation Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com