Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8311 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8311
Description  PCI Express to Generic Local Bus Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8311 Datasheet(HTML) 4 Page - PLX Technology

  PEX8311 Datasheet HTML 1Page - PLX Technology PEX8311 Datasheet HTML 2Page - PLX Technology PEX8311 Datasheet HTML 3Page - PLX Technology PEX8311 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Software Usage Model
From a system model viewpoint, the PEX 8311 has its
own set of PCI Express configuration registers. It is
through the upstream port that the BIOS or host can
configure the other ports using standard PCI
enumeration. The Configuration Space Registers (CSRs)
in a virtual primary/secondary PCI to PCI Bridge are
accessible by type 0 configuration cycles through the
virtual primary bus interface (matching bus number,
device number, and function number).
Interrupt Sources/Events
The PEX 8311 switch supports the INTx interrupt
message type (compatible with PCI 2.3 Interrupt signals)
or Message Signaled Interrupts (MSI) when enabled.
Interrupts/messages are generated by PEX 8311 for hot
plug events, and baseline error reporting.
Development Tools
PLX is offering hardware and software tools to enable
rapid customer design activity. These tools include the
hardware Rapid Development Kit (PEX 8311 RDK)
shown in Figure 6 and the Software Development Kit
(SDK).
The RDK hardware module includes the PEX 8311 with
a x1 port connected to a male-edge connector, and a
Generic Local Bus port with support for non-multiplexed
“C” and multiplexed “J” modes. SBSRAM, CPLD
components are included with a Prototyping area. The
board includes a mid-bus PCIe probe interface and a
reset for PCIe. Support for all DMA methods including
block mode, scatter-gather, and ring management along
with Direct Slave is supported. JTAG provides down-
loading of code to the CPLD. An external 100 MHz
differential reference clock can be provided at the card
edge connector or from the slot.
The PEX 8311RDK can be installed in a motherboard,
used as a riser card, or configured as a bench-top board.
The PEX 8311RDK can be used to test and validate
customer software. Additionally, it can be used as an
evaluation vehicle for the PEX 8311 features and
benefits.
SDK
The SDK tool set includes:
- Linux & Windows NT/98/2000/Me/XP/2003 server drivers
- C/C++ Source code, Objects, and libraries
-
User’s Guides, Application examples, and Tutorial
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Product Ordering Information
Part Number
Description
PEX 8311-AA66BC F
PCI Express to Generic Local Bus Bridge; Lead-free Package
PEX 8311RDK
Rapid Development Kit for PEX 8311
SDK
Windows Host-side and Local side software
development kit
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
© 2005 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. PowerDrive and the PowerDrive logo are
trademarks of PLX Technology, Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only
and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but
PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in
product design or specification.
PEX8311-SIL-PB-P1-1.2
12/05
Figure 6. PEX 8311RDK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com