Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT600 Datasheet (PDF) - Solid State Inc

SDT600 Datasheet PDF - Solid State Inc
Part # SDT600
Download  SDT600 Download
File Size   569.66 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Small 6 pin DIP/SMD package

SDT600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT600 Datasheet PDF - Solid State Inc

Part # SDT600
Download  SDT600 Click to download

File Size   569.66 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Small 6 pin DIP/SMD package

SDT600 Datasheet (HTML) - Solid State Inc


SDT600 Product details

Features
 VCEO = 60V
 Small 6 pin DIP/SMD package
 Low input power consumption
 High stability
 CTR Range 40 – 320%
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies




Similar Part No. - SDT600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDT600-X SSOUSA-SDT600-X Datasheet
584Kb / 10P
No Base Connection
logo
Solid State Inc
SDT600-X SOLIDSTATE-SDT600-X Datasheet
716Kb / 10P
VCEO = 60V
Rev 2.00
More results


Similar Description - SDT600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
Small 8 pin DIP/SMD package
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
16 pin DIP/SMD package
logo
HALO Electronics, Inc.
TG01-RF10NS8LF HALO-TG01-RF10NS8LF Datasheet
429Kb / 2P
6 Pin SMD Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com