Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT600 Datasheet(PDF) 2 Page - Solid State Inc

Part # SDT600
Description  Small 6 pin DIP/SMD package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT600 Datasheet(HTML) 2 Page - Solid State Inc

  SDT600 Datasheet HTML 1Page - Solid State Inc SDT600 Datasheet HTML 2Page - Solid State Inc SDT600 Datasheet HTML 3Page - Solid State Inc SDT600 Datasheet HTML 4Page - Solid State Inc SDT600 Datasheet HTML 5Page - Solid State Inc SDT600 Datasheet HTML 6Page - Solid State Inc SDT600 Datasheet HTML 7Page - Solid State Inc SDT600 Datasheet HTML 8Page - Solid State Inc SDT600 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 10
SDT600/H/S/TR
Rev 2.10 (01/22/2013)
001548
SDT600
DC Input
60V
Photo-Transistor Optocoupler
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.4
V
IF = 20mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Terminal Capacitance
Ct
-
30
250
pF
V=0, f=1KHz
Reverse Current
IR
-
-
10
A
VR=4V
Output Specifications
Collector-Emitter Voltage
VCEO
60
-
-
V
IC=10A
Emitter-Collector Voltage
VCOE
6
-
-
V
IE=10A
Collector Dark Current
ICEO
-
-
0.1
A
VCE=20V, IF=0mA
Floating Capacitance
Cf
-
0.6
1.0
pF
V=0, f=1MHz
Cut-Off Frequency
fC
-
80
-
kHz
VCE=5V, IC=2mA, RL=100-3dB
Saturation Voltage
VCE(sat)
-
0.2
0.4
V
IF=10mA, IC=2.5mA
Coupled Specifications
Rise Time
TR
-
5
-
S
IC=2mA, VCC=5V, RL=100
Fall Time
TF
-
4
-
S
IC=2mA, VCC=5V, RL=100
Current Transfer Ratio
CTR
40
-
320
%
IF=10mA, VCE=5V
CTR Classification (BINNING)
- A
40
-
80
%
IF=10mA, VCE=5V
- B
63
-
125
%
IF=10mA, VCE=5V
- C
100
-
200
%
IF=10mA, VCE=5V
- D
200
-
320
%
IF=10mA, VCE=5V
- E
40
-
320
%
IF=10mA, VCE=5V
Isolation Specifications
Isolation Voltage
VISO
5000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Test Circuit: Response Time
Electrical Characteristics, TA = 25°C (unless otherwise specified)
Test Circuit: Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com