Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT600 Datasheet(PDF) 1 Page - Solid State Inc

Part # SDT600
Description  Small 6 pin DIP/SMD package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT600 Datasheet(HTML) 1 Page - Solid State Inc

  SDT600 Datasheet HTML 1Page - Solid State Inc SDT600 Datasheet HTML 2Page - Solid State Inc SDT600 Datasheet HTML 3Page - Solid State Inc SDT600 Datasheet HTML 4Page - Solid State Inc SDT600 Datasheet HTML 5Page - Solid State Inc SDT600 Datasheet HTML 6Page - Solid State Inc SDT600 Datasheet HTML 7Page - Solid State Inc SDT600 Datasheet HTML 8Page - Solid State Inc SDT600 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDT600/H/S/TR
Rev 2.10 (01/22/2013)
001548
Page 1 of 10
SDT600
DC Input
60V
Photo-Transistor Optocoupler
Description
The SDT600 consists of a phototransistor optically coupled
to a light emitting diode. Optical coupling between the
input IR LED and output phototransistor allows for high
isolation levels while maintaining low-level DC signal
control capability.
The SDT600 provides an optically
isolated method of controlling many interface applications
such as telecommunications, industrial control and
instrumentation circuitry.
The SDT600 comes standard in a miniature 6 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Registers, Copiers, Automatic Vending Machines
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecommunication Equipment, Telephones
Home Appliances
Digital Logic Inputs
Microprocessor Inputs
Switching Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature ………………………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………40mW
Total Power Dissipation ……………………………..200mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SDT600
6 pin DIP, (65/Tube)
SDT600-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SDT600-S
6 pin SMD, (65/Tube)
SDT600-STR
6 pin SMD, Tape and Reel (1000/Reel)
Features
VCEO = 60V
Small 6 pin DIP/SMD package
Low input power consumption
High stability
CTR Range 40 – 320%
High Isolation Voltage (5000VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
5
6
(+) Input
(-) Input
Collector
Base
SDT600
3
4
Do Not Connect
Emitter


Similar Part No. - SDT600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDT600-X SSOUSA-SDT600-X Datasheet
584Kb / 10P
No Base Connection
logo
Solid State Inc
SDT600-X SOLIDSTATE-SDT600-X Datasheet
716Kb / 10P
VCEO = 60V
Rev 2.00
More results

Similar Description - SDT600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
Small 8 pin DIP/SMD package
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
16 pin DIP/SMD package
logo
HALO Electronics, Inc.
TG01-RF10NS8LF HALO-TG01-RF10NS8LF Datasheet
429Kb / 2P
6 Pin SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com