Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNT5_SAC Datasheet (PDF) - SOVICO corp.

MNT5_SAC Datasheet PDF - SOVICO corp.
Part # MNT5_SAC
Download  MNT5_SAC Download
File Size   378.51 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Powered Studio Monitor

MNT5_SAC Datasheet (PDF)

Go To PDF Page Download Datasheet
MNT5_SAC Datasheet PDF - SOVICO corp.

Part # MNT5_SAC
Download  MNT5_SAC Click to download

File Size   378.51 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Powered Studio Monitor

MNT5_SAC Datasheet (HTML) - SOVICO corp.


MNT5_SAC Product details

Key features
5" full-range 드라이버 채용
50W Class-D 파워앰프 채용
주파수 응답: 100Hz - 20kHz
방송실, 스튜디오, 소형공간을 위한 5" 파워드 모니터 스피커
모니터 용도에 맞춰진 플랫한 중저역대 주파수 응답
심플 엔클로져 디자인, 큐브 폼팩터
XLR 입력의 밸런스 오디오 입력




Similar Part No. - MNT5_SAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MNT-03A ETC2-MNT-03A Datasheet
258Kb / 3P
Miniature Audio Transducer Surface Mount Type
logo
Advantech Co., Ltd.
MNT-MMWB8615 ADVANTECH-MNT-MMWB8615 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
MNT-MMWB8615 ADVANTECH-MNT-MMWB8615 Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
MNT-MTWHM03 ADVANTECH-MNT-MTWHM03 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
MNT-MTWHM03 ADVANTECH-MNT-MTWHM03 Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
More results


Similar Description - MNT5_SAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1083 PHILIPS-TEA1083 Datasheet
139Kb / 20P
Call progress monitor for line powered telephone sets
March 1994
logo
Freescale Semiconductor...
MPC8280 FREESCALE-MPC8280 Datasheet
955Kb / 2P
CodeWarrior??Development Studio
MPC8250 FREESCALE-MPC8250 Datasheet
956Kb / 2P
CodeWarrior Development Studio
MPC852 FREESCALE-MPC852 Datasheet
1Mb / 2P
CodeWarrior Development Studio
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
Cree, Inc
CXA2 CREE-CXA2 Datasheet
2Mb / 15P
XLamp Studio LED
Rev 0C
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
Soshin electric Co., Lt...
LP15MHZ-1553 SOSHIN-LP15MHZ-1553 Datasheet
110Kb / 1P
For Digital Studio
LP30MHZ-1551 SOSHIN-LP30MHZ-1551 Datasheet
89Kb / 1P
For Digital Studio
logo
Weidmuller
2660130000 WEIDMULLER-2660130000 Datasheet
58Kb / 2P
U-CREATE-STUDIO
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com