Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNT5_SAC Datasheet(PDF) 2 Page - SOVICO corp.

Part # MNT5_SAC
Description  Powered Studio Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

MNT5_SAC Datasheet(HTML) 2 Page - SOVICO corp.

  MNT5_SAC Datasheet HTML 1Page - SOVICO corp. MNT5_SAC Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
※ 본 규격 및 성능은 예고 없이 당사 사정에 따라 일부 약간 변동이 있을 수 있습니다.
2020.11
mm(inch)
DATA SHEET
MNT5
2
MNT5
Frequency Response
1EA x 5" driver
100Hz - 20kHz
Nominal impedance : 8
Voice coil diameter : 25mm
Sensitivity(W/m) : 88.2 dB
Driver
50W
40W
Total Output Power
Power Consumption
AC inlet socket
AC input connector
200-240VAC, 50/60Hz
AC Power Operating Range
Enclosure
Finish
Grill
Connectors
Fitting
Net Weight: 2.6kg / 5.7lb
Gross Weight: 3.8kg / 8.3lb
Dimension
Weight
Product Dimension: 170(W) x 170(H) x 170(D) mm / 6.69(W) x 6.69(H) x 6.69(D) inch
Packing Dimension: 265(W) x 265(H) x 265(D) mm / 10.4(W) x 10.4(H) x 10.4(D) inch
Medium Density Fiberboard (12mm)
PVC sheet finish
1.5mm metal grill
M5 suspension points
Female XLR input(Pin 1 = ground, Pin 2 = signal +ve, Pin 3 = signal –ve)
Dimensions
]
p
o
T
[
]
e
d
i
S
[
]
t
n
o
r
F
[
[Bottom]
[Back]
170(6.69)
170(6.69)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com