Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5016AL5-2 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5016AL5-2 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5016AL5-2
Download  CF5016AL5-2 Download
File Size   87.28 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs

CF5016AL5-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5016AL5-2 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5016AL5-2
Download  CF5016AL5-2 Click to download

File Size   87.28 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs

CF5016AL5-2 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5016AL5-2 Product details

OVERVIEW
The CF5016 series are 1.8V operation crystal oscillator ICs. They are available for frequencies up to 50MHz. They employ a recently developed low-voltage process optimized for operation at 1.8V, resulting in stable operation at low voltages while maintaining the same output duty stability of existing devices. They are ideally suited for battery-operated electronic equipment applications where small size, low-voltage operation, and low power dissipation are essential.

FEATURES
■ 1.6 to 2.0V operating supply voltage range
■ Up to 50MHz oscillation frequency range
■ – 40 to 85°C operating temperature range
■ Oscillation capacitors built-in
    • CG = 18pF, CD = 18pF
■ Inverter amplifier feedback resistor built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ fO, fO/2, fO/4, fO/8, or fO/16 output frequency, determined by internal connection
■ CMOS output duty level (1/2VDD)
■ Molybdenum-gate CMOS process
■ Chip form (CF5016AL×)




Similar Part No. - CF5016AL5-2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - CF5016AL5-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
1.8V Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
0.8V operation Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com