Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5D1224 Datasheet (PDF) - AG Electronica

5D1224 Datasheet PDF - AG Electronica
Part # 5D1224
Download  5D1224 Download
File Size   410.72 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA(9V-18V) SALIDA 24V 210mA 5W

5D1224 Datasheet (PDF)

Go To PDF Page Download Datasheet
5D1224 Datasheet PDF - AG Electronica

Part # 5D1224
Download  5D1224 Click to download

File Size   410.72 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONVERTIDOR DC-DC ENTRADA(9V-18V) SALIDA 24V 210mA 5W

5D1224 Datasheet (HTML) - AG Electronica


5D1224 Product details

PRODUCT FEATURES
 Ultra-thin small size standard package and standard pins
 Wide range input (2:1) voltage: 9~18VDC
 Low power consumption, environmental protection, standby power consumption is only 0.3W (typical value)
 Input and output isolation withstand voltage 1500VDC
 Ultra-fast startup: 100ms (typical value)
 High efficiency, conversion efficiency up to 78% (Typ)
 Operating temperature range: -40°C~+85°C
 Good output short circuit and over current protection and self-recovery
 High reliability, long life design, continuous work over 100000H
 Potting and sealing with high-quality environmentally friendly waterproof and thermal conductive glue, dustproof, moistureproof, shockproof and flame retardant
 Meet UL/CE/EMC and safety testing requirements
 Can be used in medical, industrial control, electric power, instrumentation, communication, railway and other fields

Pin description:
1: -Vin input negative; 2: +Vin input positive; 3: +Vo output positive; 4: NC; 5: -Vo output negative; 6: NC
*Note: If the definition of each pin of the power module does not match the selection manual, the label on the physical label shall prevail.




Similar Part No. - 5D1224

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
5D121K WPI-5D121K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
5D121K SUNMATE-5D121K Datasheet
685Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
5D121K YINT-5D121K Datasheet
706Kb / 4P
5D Series
More results


Similar Description - 5D1224

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
Simple Off-Line/PFC & >9V DC/DC Switcher
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
INPUT 5W DC/DC CONVERTERS
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
DC/DC CONVERTERS - 9V OUTPUT
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
logo
Supertex, Inc
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Mean Well Enterprises C...
NSD05-S MEANWELL-NSD05-S_10 Datasheet
267Kb / 2P
5W DC-DC Regulated Single Output
logo
Wall Industries,Inc.
RA4805UW5 WALL-RA4805UW5 Datasheet
388Kb / 10P
5W DC-DC Converter
logo
Minmax Technology Co., ...
MCWI05 MINMAX-MCWI05_16 Datasheet
586Kb / 5P
DC/DC CONVERTER 5W, SIP-Package
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com