Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet (PDF) - Littelfuse

LS0504EDD12 Datasheet PDF - Littelfuse
Part # LS0504EDD12
Download  LS0504EDD12 Download
File Size   1164.71 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 5.5V 4A Low-Ron Power Distribution Load Switch

LS0504EDD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS0504EDD12 Datasheet PDF - Littelfuse

Part # LS0504EDD12
Download  LS0504EDD12 Click to download

File Size   1164.71 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 5.5V 4A Low-Ron Power Distribution Load Switch

LS0504EDD12 Datasheet (HTML) - Littelfuse


LS0504EDD12 Product details

Features & Benefits
■ Wide Input Range from 1.8V
to 5.5V
■ Low RON at 26mΩ
■ Up to 4A continuous current
■ Built-in Over-Voltage, Over-
Current and Over Temperature Fault Protections
■ 250μs internal Soft-start for 5V output
■ Accurate 1.2V Enable Threshold
■ Quick Output Discharge in Shutdown




Similar Part No. - LS0504EDD12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
More results


Similar Description - LS0504EDD12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1300 AOSMD-AOZ1300 Datasheet
1Mb / 12P
Programmable 4A Power Distribution Switch
logo
ON Semiconductor
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
NCP45524 ONSEMI-NCP45524 Datasheet
140Kb / 10P
Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 0
logo
Semtech Corporation
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
logo
SG Micro Corp
SGM2564 SGMICRO-SGM2564 Datasheet
818Kb / 14P
5.5V, 4A, 16mΩ RON Load Switch with Reverse Current Protection
MAY2022-REV.A.1
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com